PART |
Description |
Maker |
BC338-25ZL1 BC337-25ZL1 BC337-25RL1 BC337-16RL1 BC |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 800MA I(C) | TO-92 IC MAX 7000 CPLD 64 68-PLCC IC CONFIG DEVICE 440KBIT 32-TQFP 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一c)|2 晶体管|晶体管|叩| 25V的五(巴西)总裁| 800mA的一c)|2 IC MAX 7000 CPLD 64 44-PLCC 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一(c)|2
|
Rectron Semiconductor
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
ST52F514Y0M6 ST52F514G3B6 |
IC MAX 7000 CPLD 64 44-TQFP 微控制器
|
STMicroelectronics N.V.
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
YF48D12-830 YF48D15-660 YF24D12-625 YFW24D15-500 |
Cyclone II FPGA 8K TQFP-144 MAX 3000A CPLD 64 MC 44-TQFP MAX II CPLD 240 LE 100-TQFP 模拟IC STRATIX III FPGA 150K 1152BGA 模拟IC
|
Integrated Device Technology, Inc. Electronic Theatre Controls, Inc.
|
MAX990EUA-T MAX994 MAX989EUA-T MAX990ESA MAX990EKA |
Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, 300 ns RESPONSE TIME, PDSO8 Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators DUAL COMPARATOR, 7000 uV OFFSET-MAX, PDSO8 Micropower, Low-Voltage, UCSP/SC70, Rail-to-Rail I/O Comparators COMPARATOR, 7000 uV OFFSET-MAX, PBGA6
|
Maxim Integrated Products, Inc.
|
PUMA67S16000M-025 PUMA2S16000I-45 PUMA67S16000I-45 |
150NS, PLCC, COM TEMP(FLASH) 15NS, 44 PLCC, COM TEMP(EPLD) 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) 20NS, 44 PLCC, COM TEMP(EPLD) 150NS, TSOP, IND TEMP(FLASH) 20NS, 44 TQFP, IND TEMP(EPLD) 120NS, SOIC, IND TEMP(EEPROM) 70NS, TSOP, IND TEMP(EEPROM) 15NS, 68 PLCC, IND TEMP(EPLD) 25NS, 68 PLCC, IND TEMP(EPLD) 30MHZ, 32 TQFP, COM TEMP(FPGA) 120NS, PDIP, IND TEMP(EEPROM) 32 MCROCELL CPLD 1.8V ISP TQFP IND GREEN(EPLD) x32 SRAM Module X32号的SRAM模块 90NS, TSOP, IND TEMP(EEPROM) X32号的SRAM模块 120NS, PLCC, IND TEMP(EEPROM)
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
5M570ZF256C5N |
MAX V CPLD Development Board
|
Altera Corporation
|
TK62022F |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO8
|
TOKO INC
|
CA-PLCC32-Z-P-T-01 |
PLCC Carier Adaptor 32 position PLCC socket with test probes to pluggable PLCC emulator foot.
|
Ironwood Electronics.
|
|